|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
8013-2323-AU Specifications Device Package Type 808nm 1000mW IR Laser Diodes AUTO PACKAGE Laser Diode TO-5(p 9.0mm) 1/2 Absolute Maximum Ratings(Tc=25J ) Symbols Characteristics Po Reverse Voltage Reverse Voltage Vr Voltage PIN PD Vr(PIN) Top Operating Temperature Tstg Storage Temperature Electrical and optical Characteristics(Tc=25J Symbols Characteristics Ith Threshold Current Iop Operating Current Vop Operating Voltage Slope Efficiency b Im c // cae Gc // Gcae G X G Y G Z f Monitor Current Beam Divergence Parallel (FWHM) Prependicular Parallel Deviation Angle Perpendicular Deviation Angle Emission Point Accuracy Lasing Wavelength 1/2 ) Ratings 1000 2 10 -10a +30 -40a +85 Units mW V V J J Conditions Po=1000mW Po=1000mW 500mW Po=1000mW Po=1000mW Po=1000mW Po=1000mW Po=1000mW Po=1000mW Po=1000mW Po=1000mW Po=1000mW Min. 0.5 0.3 4 20 -3 -3 -50 -50 -50 804 Typ. 300 1400 2.1 0.9 1.5 9 30 807 Max. 500 2000 3 1.0 6.0 17 40 3 3 50 50 50 810 Units mA mA Volts mW/mA mA deg. deg. deg. deg. g m g m g m nm I(1000mW)-I(500mW Im is sorting by custom's need *c // and cae are defined as the angle within which the intensity is 50% of the peak value. DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com |
Price & Availability of 8013-2323-AU |